Part Number Hot Search : 
MCJ40 TLGE18TP T62M0002 STTH3012 SP334CT MC340 CXA1156 1N5234B
Product Description
Full Text Search
 

To Download B59607A0120A062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ptc thermistors for overcurrent protection smds, eia size 1210, 24 v, 63 v series/type: b59606, b59607, b59707 release: date: ? epcos ag 2003. reproduction, publication and dissemination of this data sheet, enclosures hereto and the information con- tained therein without epcos' prior express consent is prohibited. purchase orders are subject to the general conditions for the supply of products and services of the electrical and electronics in- dustry recommended by the zvei (german electrical and electronic manufacturers' association), unless otherwise agreed.
1) measured on component soldered to standardized pcb applications overcurrent protection short-circuit protection features thermistor chip with lead-free tinned terminations small size short response times suitable for reflow soldering only suitable for automatic placement delivery mode blister tape, 180-mm reel dimensional drawing dimensions in mm general technical data switching cycles n 100 tolerance of r r d r r 25 % operating temperature range (v = 0) t op  40/+125 c (v = v max ) t op 0/+60 c electrical specifications and ordering codes type i r 1) ma i s 1) ma i smax (v = v max ) a t ref c r r w r min w ordering code v max = 30 vdc or vac , v r = 24 vdc or vac a606 90 180 0.5 110 27 17 b59606a0110a062 a607 70 130 0.4 120 55 30 B59607A0120A062 v max = 80 vdc or vac , v r = 63 vdc or vac a707 50 90 0.3 120 125 75 b59707a0120a062 overcurrent protection b59606, b59607, b59707 smds, eia size 1210, 24 v, 63 v a606, a607, a707 2
reliability data test standard test conditions  d r 25 /r 25  switching test at room temperature iec 60738-1 i smax; v max number of cycles: 100 < 25% dry heat at upper category temperature iec 60738-1 storage at upper category temperature for t : 1000 h < 25% life test at v max /t op iec 60738-1 storage at v max /t op for t : 1000 h < 25% storage in damp heat iec 60068-2-3 temperature of air: 40 c relative humidity of air: 93% duration: 56 days < 10% rapid change of temperature in air iec 60068-2-14, test na t = t lct , t = t uct number of cycles: 5 t = 30 min < 10% vibration iec 60068-2-6, test fc f = 10 - 55 hz h = 0.75 mm (respectively 10 g) t = 3 2 h < 5% bump iec 60068-2-27 pulse shape: half-sine a = 50 g pulse duration: 1 ms; 6 3 pulses < 5% climatic sequence iec 60068-2-30 dry heat: t = t uct t : 16 h damp heat first cycle cold: t = t lct t : 2 h damp heat 5 cycles < 10% bending test en 130000/4.35 components reflow-soldered to test board maximum bending: 2 mm < 10% overcurrent protection b59606, b59607, b59707 smds, eia size 1210, 24 v, 63 v a606, a607, a707 3
characteristics (typical) ptc resistance r ptc versus ptc temperature t ptc (measured at low signal voltage) switching time t s versus switching current i s (measured at 25 c in still air) rated current i r versus ambient temperature t a (measured in still air) overcurrent protection b59606, b59607, b59707 smds, eia size 1210, 24 v, 63 v a606, a607, a707 4


▲Up To Search▲   

 
Price & Availability of B59607A0120A062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X